PART |
Description |
Maker |
ADG701BRM ADG701BRT ADG702 ADG702BRM ADG702BRT ADG |
CMOS Low Voltage 2ohm SPST Switches Low Voltage SPST Switches(低压2Ω单刀单掷开 4 Ohm, Low Voltage, Wide Bandwidth Single SPST in 6-ld SOT-23, NC CMOS Low Voltage 2 ohms SPST Switch CMOS Low Voltage 2ohm SPST Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG706BRU ADG707 ADG707BRU ADG706 |
CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers 的CMOS.5ohm低电压,8-/16-Channel多路复用 CMOS/ 2.5ohm Low-Voltage/ 8-/16-Channel Multiplexers ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
|
Analog Devices, Inc. AD[Analog Devices]
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
ICL7611 ICL7611BCPA ICL7611DCBA ICL7611DCBA-T ICL7 |
Op Amp, CMOS, Rail-to-Rail I/O, Programmable Icc, 1.4MHz, Low Voltage 1-8Vdc, Low Bias 0.05nA Op Amp, CMOS, Rail-to-Rail Output, 1.4MHz, Low Voltage 1-8Vdc, Programmable Icc, Low Bias 0.05nA 1.4MHz, Low Power CMOS Operational Amplifiers From old datasheet system
|
INTERSIL[Intersil Corporation]
|
BS62LV2001TI BS62LV2001 BS62LV2001DC BS62LV2001DI |
Very Low Power/Voltage CMOS SRAM 256K X 8 bit Very low power/voltage CMOS SRAM 256K X 8 bit, 70ns Very low power/voltage CMOS SRAM 256K X 8 bit, 100ns
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor]
|
IS62C51216AL IS62C51216AL-55MLI IS62C51216AL-55TLI |
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
EM680FV8A |
1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|
IS62WV51216ALL IS62WV51216BLL-45B IS62WV51216ALL-7 |
512K X 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS62WV25616ALL-70BI IS62WV25616ALL-70T IS62WV25616 |
256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
|
Integrated Silicon Solution, Inc
|
FMP1617CA7-FXXX FMP1617CA7-G60E FMP1617CA7-G70E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
65WV2568DALL IS62/65WV2568DBLL IS62/65WV2568DALL |
256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|